Part Number Hot Search : 
2SC3922 25007415 STPR506D AD8058AR 5KP14AJ AD8302 F7416 HDD25NXX
Product Description
Full Text Search
 

To Download WED3EG6417S202D4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 White Electronic Designs
WED3EG6417S-D4
*ADVANCED
128MB - 16Mx64 DDR SDRAM UNBUFFERED
FEATURES
n n n n n n n n n n n Double-data-rate architecture Bi-directional data strobes (DQS) Differential clock inputs (CK & CK#) Programmable Read Latency 2,2.5 (clock) Programmable Burst Length (2,4,8) Programmable Burst type (sequential & interleave) Edge aligned data output, center aligned data input Auto and self refresh Serial presence detect JEDEC standard 200 pin SO-DIMM package Power supply: 2.5V 0.25V
* This datasheet describes a product that may or may not be under development and is subject to change or cancellation without notice.
DESCRIPTION
The WED3DG6417S is a 16Mx64 Double Data Rate SDRAM memory module based on 128Mb DDR SDRAM component. The module consists of eight 16Mx8 DDR SDRAMs in 66 pin TSOP package mounted on a 200 pin FR4 Substrate. Synchronous design allows precise cycle control with the use of system clock. Data I/O transactions are possible on both edges and Burst Lenths allow the same device to be useful for a variety of high bandwidth, high performance memory system applications.
White Electronic Designs Corp. reserves the right to change products or specifications without notice. March 2002 Rev. # 0 1 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
PIN CONFIGURATIONS
Pin# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 Symbol VREF VREF VSS VSS DQ0 DQ4 DQ1 DQ5 VCC VCC DQS0 DQM0 DQ2 DQ6 VSS VSS DQ3 DQ7 DQ8 DQ12 VCC VCC DQ9 DQ13 DQS1 DQM1 VSS VSS DQ10 DQ14 DQ11 DQ15 VCC VCC CK0 VCC CK0# VSS VSS VSS DQ16 DQ20 DQ17 DQ21 VCC VCC DQS2 DQM2 DQ18 DQ22 Pin# 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 Symbol VSS VSS DQ19 DQ23 DQ24 DQ28 VCC VCC DQ25 DQ29 DQS3 DQM3 VSS VSS DQ26 DQ30 DQ27 DQ31 VCC VCC NC NC NC NC VSS VSS DQS8 NC NC NC VCC VCC NC NC NC NC VSS VSS CK2* VSS CK2*# VCC VCC VCC CKE1* CKE0 A13 NC A12* A11 Pin# 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 Symbol A9 A8 VSS VSS A7 A6 A5 A4 A3 A2 A1 A0 VCC VCC A10/AP BA1 BA0 RAS# WE# CAS# CSO CS1 NC NC VSS VSS DQ32 DQ36 DQ33 DQ37 VCC VCC DQS4 DQM4 DQ34 DQ38 VSS VSS DQ35 DQ39 DQ40 DQ44 VCC VCC DQ41 DQ45 DQS5 DQM5 VSS VSS Pin# 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 Symbol DQ42 DQ46 DQ43 DQ47 VCC VCC VCC CK1# VSS CK1 VSS VSS DQ48 DQ52 DQ49 DQ53 VCC VCC DQS6 DQM6 DQ50 DQ54 VSS VSS DQ51 DQ55 DQ56 DQ60 VCC VCC DQ57 DQ61 DQS7 DQM7 VSS VSS DQ58 DQ62 DQ59 DQ63 VCC VCC SDA SA0 SCL SA1 VCCSPD SA2 VCCID NC
WED3EG6417S-D4
*ADVANCED
PIN NAMES
A0 - A11 BA0-BA1 DQ0-DQ63 DQS0-DQS8 CK0,CK1 CK0#, CK1# CKE0 CS0# RAS# CAS# WE# DQM0-DQM7 VCC VCCQ VSS VREF VCCSPD SDA SCL SA0-SA2 VCCID NC Address input (Multiplexed) Bank Select Address Data Input/Output Data Strobe Input/Output Clock Input Clock Input Clock Enable Input Chip select Input Row Address Strobe Column Address Strobe Write Enable Data-In Mask Power Supply (2.5V) Power Supply for DQS (2.5V) Ground Power Supply for Reference Serial EEPROM Power Supply (2.3V to 3.6V) Serial data I/O Serial clock Address in EEPROM VCC Identification Flag No Connect
* Not Used
White Electronic Designs Corp. reserves the right to change products or specifications without notice. March 2002 Rev. # 0 2 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
FUNCTIONAL BLOCK DIAGRAM

WED3EG6417S-D4
*ADVANCED
























White Electronic Designs Corp. reserves the right to change products or specifications without notice. March 2002 Rev. # 0 3 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Current Symbol VIN, VOUT VCC, VCCQ TSTG PD IOS Value -0.5 ~ 3.6 -1.0 ~ 3.6 -55 ~ +150 8 50
WED3EG6417S-D4
*ADVANCED
Units V V C W mA
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to recommended operating condition. Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
(TA = 0 to 70C, VCC = 2.5V 0.2V) Parameter Supply Voltage Supply Voltage Reference Voltage Termination Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Symbol VCC VCCQ VREF VTT VIH VIL VOH VOL Min 2.3 2.3 VCCQ/2-50mV VREF-0.04 VREF+0.15 -0.3 VTT+0.76 Max 2.7 2.7 VCCQ/2-50mV VREF+0.04 VCCQ-0.3 VREF+0.15 VTT-0.76 Unit V V V V V V V V
DC CHARACTERISTICS
(TA = 23C, f = 1MHz, VCC = 3.3V, VREF=1.4V 200mV) Parameter Input Capacitance (A0-A12) Input Capacitance (RAS#,CAS#,WE#) Input Capacitance (CKE0) Input Capacitance (CK0, CK0#) Input Capacitance (CS0#) Input Capacitance (DQM0-DQM8) Input Capacitance (BA0-BA1) Data input/output capacitance (DQ0-DQ63)(DQS) Symbol CIN1 CIN2 CIN3 CIN4 CIN5 CIN6 CIN7 COUT Min Max 45 45 45 40 44 15 45 15 Unit pF pF pF pF pF pF pF pF
CAPACITANCE
White Electronic Designs Corp. reserves the right to change products or specifications without notice. March 2002 Rev. # 0 4 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
WED3EG6417S-D4
*ADVANCED
(Recommended operating conditions, TA = 0 to 70C, VCCQ = 2.5V 0.2V, VCC = 2.5V 0.2V) Parameter Symbol Conditions One device bank; Active = Precharge; tRC=tRC(MIN); tCK=tCK (MIN); DQ, DM and DQS inputs changing once per clock cycle; Address and control inputs changing once every two cycles. One device banks; Active-Read-Precharge; Burst = 2; tRC=tRC(MIN); tCK=tCK (MIN); lout=0mA; Address and control inputs changing once per clock cycle. All device bank idle; Power-down mode; tCK=tCK(MIN); CKE=(low) CS# = High; All device banks idle; tCK=tCK(MIN); CKE = high; Address and other control inputs changing once per clock cycle. VIN = VREF for DQ, DQS and DM. One device bank active; Power-down mode; tCK(MIN); CKE=(low) CS# = High; CKE = High; One device bank; Active-Precharge; tRC=tRAS(MAX); tCK=tCK(MIN); DQ, DM and DQS inputs changing twice per clock cycle; Address and other control inputs changing once per clock cycle Burst = 2; Reads; Continous burst; Once device bank active; Address and control inputs changing once per clock cycle; tCK=tCK(MIN); IOUT=0mA Burst=2; Writes; Continous burst; Once device bank active; Address and control inputs changing once per clock cycle; tCK=tCK(MIN); DQ,DM and DQS inputs changing twice per clock cycle. tRC=tRC(MIN) CKE 0.2V Four bank interleaving Reads (BL=4) with auto precharge with tRC=tRC(MIN); tCK=tCK(MIN); Address and control input change only during Active Read or Write commands. DDR266@CL=2 Max 680 DDR266@CL=2.5 Max 680 DDR200@CL=2 Max 600 Units
IDD SPECIFICATIONS AND TEST CONDITIONS
Operating Current
IDD0
mA
Operating Current Precharge PowerDown Standby Current Idle Standby Current Active Power-Down Standby Current Active Standby Current
IDD1 IDD2P IDD2F IDD3P
880 32 200 280
880 32 200 280
800 28 176 280
mA mA mA mA
IDD3N
400
400
360
mA
Operating Current
IDD4R
1360
1360
1160
mA
Operating Current Auto Refresh Current Self Refresh Current Operating Current
IDD4W IDD5 IDD6 IDD7A
1400 1520 16 2640
1400 1520 16 2640
1120 1280 16 2080
mA mA mA mA
* Mode IDD was calculeter on the basis of component IDD and can be differently measured according to DQ loading cap.
White Electronic Designs Corp. reserves the right to change products or specifications without notice. March 2002 Rev. # 0 5 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
WED3EG6417S-D4
*ADVANCED
DETAILED TEST CONDITIONS FOR DDR SDRAM IDD1 & IDD7A
IDD1 : OPERATING CURRENT: ONE BANK
1. Typical Case : VCC = 2.5V, T = 25C 2. Worst Case : VCC = 2.7V, T = 10C 3. Only one bank is accessed with tRC (min), Burst Mode, Address and Control inputs on NOP edge are changing once per clock cycle. Iout = 0mA 4. Timing patterns -DDR200 (100MHz, CL = 2) : tCK = 10ns, CL2, BL = 4, tRCD = 2*tCK, tRAG = 5*tCK Read : A0 N R0 N N P0 N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst -DDR266B (133MHz, CL = 2.5): tCK = 7.5ns, CL = 2.5, BL = 4, tRCD = 3*tCK, tRC = 9*tCK, tRAG = 5*tCK Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst -DDR266A (133MHz, CL = 2) : tCK = 7.5ns, CL = 2, BL = 4, tRCD = 3*tCK, tRC = 9*tCK, tRAG = 5*tCK Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst
IDD7A : OPERATING CURRENT : FOUR BANK OPERATION
1. Typical Case : VCC = 2.5V, T = 25C 2. Worst Case : VCC = 2.7V, T = 10C 3. Four banks are being interleaved with tRC (min), Burst Mode, Address and Control inputs on NOP edge are not changing. Iout = 0mA 4. Timing patterns -DDR200 (100MHz, CL = 2) : tCK = 10ns, CL2, BL = 4, tRRD = 2*tCK, tRCD = 3*tCK, Read with autoprecharge Read : A0 N A1 R0 A2 R1 A3 R2 A0 R3 A1 R0 repeat the same timing with random address changing; 100% of data changing at every burst -DDR266B (133MHz, CL = 2.5) : tCK = 7.5ns, CL = 2.5, BL = 4, tRRD = 2*tCK, tRCD = 3*tCK Read with autoprecharge Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing; 100% of data changing at every burst -DDR266A (133MHz, CL = 2) : tCK = 7.5ns, CL2 = 2, BL = 4, tRRD = 2*tCK, tRCD = 3*tCK Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing; 100% of data changing at every burst
Legend : A = Activate, R = Read, W = Write, P = Precharge, N = NOP,
White Electronic Designs Corp. reserves the right to change products or specifications without notice. March 2002 Rev. # 0 6 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
ORDERING INFORMATION
Part Number WED3EG6417S262D4 WED3EG6417S265D4 WED3EG6417S202D4 Speed 133MHz/266Mbps 133MHz/266Mbps 100MHz/200Mbps CAS Latency CL=2 CL-2.5 CL=2
WED3EG6417S-D4
*ADVANCED
PACKAGE DIMENSIONS
All dimensions are in inches









White Electronic Designs Corp. reserves the right to change products or specifications without notice. March 2002 Rev. # 0 7 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com


▲Up To Search▲   

 
Price & Availability of WED3EG6417S202D4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X